Part Number Hot Search : 
BDV12 W134MSQC TC123 STD2NC6 ESDA6V1 3KE170A BR100 EDF1CS
Product Description
Full Text Search
 

To Download PT271024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
SCHRACK
Miniature Relay PT
I I I I I I I I
2 pole 12 A, 3 pole 10 A or 4 pole 6 A, 2, 3 or 4 CO contacts DC- or AC-coil Switching performance up to 3000 VA Relay height 29 mm Mechanical indicator, optional LED and protection diode Manual test tab, optionally lockable. White marking tabs RoHS compliant (Directive 2002/95/EC)
Applications Universal use in control and automation
F0191-A
Approvals
V REG.-Nr.of115719, Z request L 00/20059(E2) E214025, Technical data approved types on
Contact data PT2 PT3 PT5
Contact configuration 2 CO 3 CO 4 CO Contact set single contact Type of interruption micro disconnection Rated current 12 A 10 A 6A Rated voltage / max.switching voltage AC 240/400 VAC 240/400 VAC 240/240 VAC Maximum breaking capacity AC 3000 VA 2500 VA 1500 VA Limiting making capacity, max 20 ms 24 A 20 A 12 A Contact material AgNi90/10, AgNi90/10 gold plated Minimum contact load 12V/10mA, 20mV/1mA gold plated Mechanical endurance DC coil 30x106 cycles AC coil 20x106 cycles Rated frequency of operation with / without load 6/600 min-1 Contact Type PT270 PT270 PT270 PT270 PT270 PT270 PT270 PT370 PT370 PT370 PT370 PT370 PT370 PT370 PT570 PT570 PT570 PT570 PT570 PT570 PT570 PT570 ratings Load 12 A, 250 VAC, 3000 VA, cos=1, DF 50%, 600 h-1, NO, 70C 8 A, 250 VAC, 2000 VA, cos=1, DF 50%, 600 h-1, NO, 70C 4 A, 250 VAC, 1000 VA, cos=1, DF 50%, 600 h-1, NO, 70C 3.75 A, 400 VAC, opp. polarity, 70C, AC3 5 A, 250 VAC, opp. polarity, normal/abnormal, 70C, AC15 8 A, 24 VDC, opp. polarity, normal/abnormal, 70C, DC13 1.7 A, 230 VAC, 400 W, opp. polarity, 70C, AC5b 10 A, 250 VAC, 2500 VA, cos=1, DF 50%, 600 h-1, NO, 70C 8 A, 250 VAC, 2000 VA, cos=1, DF 50%, 600 h-1, NO, 70C 4 A, 250 VAC, 1000 VA, cos=1, DF 50%, 600 h-1, NO, 70C 2 A, 400 VAC, opp. polarity, 70C, AC3 5 A, 250 VAC, opp. polarity, normal/abnormal, 70C, AC15 8 A, 24 VDC, opp. polarity, normal/abnormal, 70C, DC13 1.7 A, 230 VAC, 400 W, 70C, AC5b 6 A, 250 VAC, 1500 VA, cos=1, DF 50%, 600 h-1, NO, 70C 2 A, 250 VAC, 500 VA, cos=1, DF 50%, 600 h-1, NO, 70C 3 A, 400 VAC, opp. polarity, 70C, AC3 4 A, 250 VAC, opp. polarity, normal/abnormal, 70C, AC15 6 A, 24 VDC, opp. polarity, normal/abnormal, 70C, DC13 1.7 A, 230 VAC, 400 W, opp. polarity, 70C, AC5b 0.3 A, 110 VDC, 33 W, L/R=22 ms, 1440 h-1, DF 8%, NO, prot.D. 3 A on /1 A off, 120 VAC, cos 0.8on/0.5off, 600h-1, DF 15%, NO
Cycles 168x103 750x103 8.3x106
159x103 466x103 1.1x106
228x103 782x103
3.6x106 423x103
1
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Miniature Relay PT (Continued)
Coil data
Rated coil voltage range DC coil AC coil Coil power DC coil AC coil Operative range DC coil, AC-coil 50Hz AC coil 60 Hz at 70C, % of Urtd 6...220 VDC 6...230 VAC 0.75 mW 1.0 VA 2 90..110%
Coil versions, DC-coil Coil code Rated Operate Release Coil Rated coil opt. LED STD LED LED+ voltage voltage voltage resistance power power bipolar PD* VDC VDC VDC Ohm mW mW 006 L06 LA6 6 4.5 0.6 48+10% 750 3.5 012 L12 LB2 12 9.0 1.2 192+10% 750 10 024 L24 LC4 24 18.0 2.4 777+10% 741 18 048 L48 LE8 48 36.0 4.8 3072+10% 750 38 060 L60 LG0 60 45.0 6.0 4845+12% 743 56 110 M10 MB0 110 82.5 11.0 16133+15% 750 96.5 220 N20 NC0 220 165.0 22.0 64533+15% 750 202.5 All figures are given for coil without preenergization, at ambient temperature +23C *) Protection diode PD; standard polarity: +A1 / -A2 Coil versions, AC-coil 50/60 Hz Coil code Rated STD LED voltage Operate Release Coil Rated coil voltage voltage resistance power 50/60Hz 50/60Hz 50/60Hz VAC VAC VAC Ohm VA 506 R06 6 4.8/5.4 1.8 11+10% 1.0/0.85 512 R12 12 9.6/10.8 3.6 48+10% 1.0/0.85 + 524 R24 24 19.2/21.6 7.2 192+10% 1.0/0.79 548 R48 48 38.4/43.2 14.4 777+10% 1.0/0.87 560 R60 60 48.0/54.0 18.0 1306+10% 1.0/0.87 615 S15 115 92.0/103.5 34.5 4845+12% 1.0/0.86 + 730 T30 230 184.0/207.0 69.0 19465+15% 1.0/0.90 All figures are given for coil without preenergization, at ambient temperature +23C
Insulation
PT2
PT3
PT5
Dielectric strength coil-contact circuit 2500 Vrms 2500 Vrms 2500 Vrms open contact circuit 1200 Vrms 1200 Vrms 1200 Vrms adjacent contact circuits 2500 Vrms 2500 Vrms 2000 Vrms Clearance / creepage coil-contact circuit W 4/4 mm W 4/4 mm W 4/4 mm adjacent contact circuits W 3.5/9.5 mm W 2.6/3.5 mm W 1.8/3.5 mm Material group of insulation parts W IIIa Insulation to IEC 60664-1 Type of insulation coil-contact circuit basic basic basic open contact circuit functional functional functional adjacent contact circuits basic basic functional Rated insulation voltage 250 V 250 V 250 V Pollution degree 2 2 2 Rated voltage system 240/400 V 240 V 240 V Overvoltage category III III III
Other data
RoHS - Directive 2002/95/EC Ambient temperature range Operate time Release time without / with protection diode Bounce time NO / NC contact Vibration resistance (function) NO / NC contact Shock resistance (function) NO / NC contact Category of protection Mounting distance Resistance to soldering heat Relay weight Packaging unit compliant -40...+70C 15 ms 10 / 18 ms 5 ms 7/4 g 20/5 g RTII- flux proof 0 mm, dense packing 270C / 10s 30 g 10/250 pcs
2
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Miniature Relay PT (Continued)
Accessories
For details see datasheet Accessories Miniature Relay PT
Circuit LED protection diode+LED
Relay Packages
Complete packages consisting of a relay mounted on a socket see Package PT
(13) A1 (14) A2 (13) A1+ (14) A2-
PCB layout / terminal assignment
Bottom view on pins
4-pole
3-pole
2-pole
S0354-AA
S0354-AD
S0354-AB
S0354-AE
S0354-AC
S0354-AF
Dimensions Solder- and plug-in terminals (standard version) PCB version
S0355-AA
S0355-BB
Product key
PT
Type Contact configuration 2 2 CO contacts 3 3 CO contacts 5 4 CO contacts Contact material 7 AgNi 90/10, with test button*) 8 AgNi 90/10 gold plated, with test button*) Version 1 PCB terminals 0 standard, 2.8 mm quick connect term. Coil Coil code: please refer to coil versions table, preferred types in bold print *) Version with closed cap without test button available on request Other types on request
3
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Miniature Relay PT (Continued)
Product key PT270024 PT270524 PT270615 PT270730 PT270L24 PT270R24 PT270S15 PT270T30 PT271024 PT271524 PT271615 PT271730 PT370024 PT370524 PT370615 PT370730 PT370L24 PT370R24 PT370S15 PT370T30 PT371024 PT371524 PT371615 PT371730 PT570024 PT570524 PT570615 PT570730 PT570L24 PT570R24 PT570S15 PT570T30 PT571024 PT571524 PT571615 PT571730 PT580024 PT580524 PT580730 PT580L24 PT580R24 PT580T30 PT581024 PT581730
Cont. Config. 2 CO contacts
Cont. material AgNi 90/10 test button
Version AMP 2.8 connectors
Coil DC-coil AC-coil DC-coil+LED AC-coil+LED
PCB terminals
DC-coil AC-coil DC-coil AC-coil DC-coil+LED AC-coil+LED
3 CO contacts
AgNi 90/10 test button
AMP 2.8 connectors
PCB terminals
DC-coil AC-coil DC-coil AC-coil DC-coil+LED AC-coil+LED
4 CO contacts
AgNi 90/10 test button
AMP 2.8 connectors
PCB terminals
DC-coil AC-coil DC-coil AC-coil DC-coil+LED AC-coil+LED
AgNi 90/10 gold plated test button
AMP 2.8 connectors
PCB terminals
DC-coil AC-coil
Coil 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 230 VAC 24 VDC 24 VAC 230 VAC 24 VDC 230 VAC
Part number 4-1419111-2 4-1419111-8 5-1419111-0 5-1419111-1 9-1415001-1 0-1415002-1 2-1415039-1 3-1415002-1 5-1419111-3 5-1419111-6 4-1419135-0 5-1419111-8 6-1419111-1 6-1419111-6 6-1419111-8 6-1419111-9 5-1415002-1 7-1415002-1 9-1415039-1 9-1415002-1 7-1419111-1 7-1419111-3 0-1393154-8 7-1419111-5 1-1393154-2 8-1419111-7 9-1419111-0 9-1419111-1 6-1415001-1 7-1415001-1 7-1415003-1 8-1415001-1 9-1419111-3 9-1419111-6 1-1393154-5 9-1419111-8 1-1393154-7 2-1393154-1 2-1393154-2 5-1415026-1 6-1415026-1 7-1415026-1 7-1419135-2 2-1393154-3
4
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of PT271024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X